Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FS4 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUSB3FS4
Description  Extremely low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FS4 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUSB3FS4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FS4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PUSB3FS4
Extremely low capacitance unidirectional ESD protection
diode array
8 February 2023
Short data sheet
1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection for four signal lines
• VRWM = 3.3 V device
• Extremely low clamping voltage to protect sensitive I/Os
• IEC 61000-4-5 (surge): IPP = 8.2 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.29 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 and HDMI2.1 data lines
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-0.5
-
3.3
V
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; pin 1;
Tamb = 25 °C
-
0.29
0.34
pF


Similar Part No. - PUSB3FS4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
logo
NXP Semiconductors
PUSB3F96 PHILIPS-PUSB3F96_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 3-29 September 2014
logo
Nexperia B.V. All right...
PUSB3F97 NEXPERIA-PUSB3F97 Datasheet
602Kb / 14P
ESD protection for ultra high-speed interfaces
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results

Similar Description - PUSB3FS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1USF PHILIPS-PESD5V0F1USF_15 Datasheet
292Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
Rev. 1-11 December 2012
logo
Nexperia B.V. All right...
PESD5V0F1USF NEXPERIA-PESD5V0F1USF Datasheet
239Kb / 10P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C1UZF NEXPERIA-PESD5V0C1UZF Datasheet
228Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD15VW1UCSF NEXPERIA-PESD15VW1UCSF Datasheet
156Kb / 7P
Extremely low capacitance unidirectional ESD protection diode
25 January 2022
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com