Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR8F612X Datasheet(PDF) 47 Page - STMicroelectronics

Part # CR8F612X
Description  16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR8F612X Datasheet(HTML) 47 Page - STMicroelectronics

Back Button CR8F612X Datasheet HTML 43Page - STMicroelectronics CR8F612X Datasheet HTML 44Page - STMicroelectronics CR8F612X Datasheet HTML 45Page - STMicroelectronics CR8F612X Datasheet HTML 46Page - STMicroelectronics CR8F612X Datasheet HTML 47Page - STMicroelectronics CR8F612X Datasheet HTML 48Page - STMicroelectronics CR8F612X Datasheet HTML 49Page - STMicroelectronics CR8F612X Datasheet HTML 50Page - STMicroelectronics CR8F612X Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
CR8F612X
Electrical characteristics
Doc ID 15590 Rev 1
45/88
9.3.1
VCAP external capacitor
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in Table 17. Care should be taken to limit the series inductance
to less than 15 nH.
Figure 8.
External capacitor CEXT
1.
ESR is the equivalent series resistance and ESL is the equivalent inductance.
Table 18.
Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
2
∞
µs/V
VDD fall time rate
(1)
1.
Reset is always generated after a tTEMP delay. The application must ensure that VDD is still above the
minimum ooperating voltage (VDD min) when the tTEMP delay has elapsed.
2
∞
tTEMP
Reset release
delay
VDD rising
1.7
ms
VIT+
Power-on reset
threshold
2.6
2.7
2.85
V
VIT-
Brown-out reset
threshold
2.5
2.65
2.8
VHYS(BOR)
Brown-out reset
hysteresis
70
mV
C
Rleak
ESR
ESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com