Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR8F612X Datasheet(PDF) 21 Page - STMicroelectronics

Part # CR8F612X
Description  16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR8F612X Datasheet(HTML) 21 Page - STMicroelectronics

Back Button CR8F612X Datasheet HTML 17Page - STMicroelectronics CR8F612X Datasheet HTML 18Page - STMicroelectronics CR8F612X Datasheet HTML 19Page - STMicroelectronics CR8F612X Datasheet HTML 20Page - STMicroelectronics CR8F612X Datasheet HTML 21Page - STMicroelectronics CR8F612X Datasheet HTML 22Page - STMicroelectronics CR8F612X Datasheet HTML 23Page - STMicroelectronics CR8F612X Datasheet HTML 24Page - STMicroelectronics CR8F612X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
CR8F612X
Pinout and pin description
Doc ID 15590 Rev 1
21/88
Reset state is shown in bold.
Table 4.
Legend/abbreviations
Type
I= Input, O = Output, S = Power supply
Level
Input
CM = CMOS
Output
HS = High sink
Output speed
O1 = Slow (up to 2 MHz)
O2 = Fast (up to 10 MHz)
O3 = Fast/slow programmability with slow as default state after reset
O4 = Fast/slow programmability with fast as default state after reset
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = True open drain, OD = Open drain, PP = Push pull
Table 5.
VFQFPN32/LQFP32 pin description
2
PD7/TLI [TIM1_CH4]
I/O
1
PD6/AIN6/UART1_RX
I/O
Pin
no.
Pin name
Input
Output
Default alternate
function
Alternate
function
after
remap
[option
bit]
3
NRST
I/O
X
Reset
4
PA1/OSCIN(2)
I/O
X
XX
O1
X
X
Port A1
Resonator/crystal
in
5
PA2/OSCOUT
I/O
X
XX
O1
X
X
Port A2
Resonator/crystal
out
6VSS
S
Digital ground
7
VCAP
S
1.8 V regulator capacitor
8VDD
S
Digital power supply
X
XX
HS O3
X
X
Port D6
Analog input 6/
UART1 data
receive
X
XX
HS O3
X
X
Port D7
Top level interrupt
Timer 1 -
channel 4
[AFR6]
9
PA3/TIM5_CH3
[SPI_NSS] [UART1_TX]
I/O
X
XX
HS O3
X
X
Port A3
Timer 5 channel 3
SPI
master/
slave
select
[AFR1]/
UART1
data
transmit
[AFR1:0]
10
PF4 [UART1_RX]
I/O X
XO1
X
X
Port F4
UART1
data
receive
[AFR1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com