Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST485E
Description  ±15KV ESD protected, low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485E Datasheet(HTML) 1 Page - STMicroelectronics

  ST485E_07 Datasheet HTML 1Page - STMicroelectronics ST485E_07 Datasheet HTML 2Page - STMicroelectronics ST485E_07 Datasheet HTML 3Page - STMicroelectronics ST485E_07 Datasheet HTML 4Page - STMicroelectronics ST485E_07 Datasheet HTML 5Page - STMicroelectronics ST485E_07 Datasheet HTML 6Page - STMicroelectronics ST485E_07 Datasheet HTML 7Page - STMicroelectronics ST485E_07 Datasheet HTML 8Page - STMicroelectronics ST485E_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2007
Rev 11
1/19
19
Order codes
Part numbers
Temperature range
Package
Packaging
ST485ECN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST485EBN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST485EXN
-55 to 125 °C
DIP-8
50parts per tube / 40tube per box
ST485EBD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ECDR
0 to 70 °C
SO-8 (Tape & reel)
2500 parts per reel
ST485EBDR
-40 to 85 °C
SO-8 (Tape & reel)
2500 parts per reel
ST485EXDR
-55 to 125 °C
SO-8 (Tape & reel)
2500 parts per reel
ST485E
±15KV ESD protected, low power
RS-485/RS-422 transceiver
General features
■ Low quiescent current: 300µA
■ Designed for RS-485 interface application
■ -7V to 12V common mode input voltage range
■ Driver maintains high impedance in 3-state or
with the power OFF
■ 70mV typical input hysteresis
■ 30ns propagation delay, 5ns skew
■ Operates from a single 5V supply
■ Current limiting and thermal shutdown for
driver overload protection
■ ESD protection:
– ±15KV (H.B.M.)
– ±8KV (IEC-1000-4-2 contact discharge)
■ Allows up to 64 transceivers on the bus
Description
The ST485E is a low power transceiver for RS-
485 and RS-422 communication. Each driver
output and receiver input is protected against
±15KV electrostatic discharge (H.B.M.) (ESD)
shocks, without latch-up. These parts contain one
driver and one receiver in half duplex
configuration.
This transceiver draws 300µA (typ.) of supply
current when unloaded or fully loaded with
disabled drivers.
It operates from a single 5V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state.
The ST485E is designed for bi-directional data
communications on multipoint bus transmission
lines (half-duplex applications).
DIP-8
SO-8
www.st.com


Similar Part No. - ST485E_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
More results

Similar Description - ST485E_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com