Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP2174CGG
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174CGG Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP2174CGG Datasheet HTML 1Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 2Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 3Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 4Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 5Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 6Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 7Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 8Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
4
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = -40°C to +125°C (6), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback voltage
VFB
2.7
V ≤ VIN ≤ 5.5V
TJ = 25°C
594
600
606
mV
Feedback voltage
VFB
2.7
V ≤ VIN ≤ 5.5V
588
600
612
mV
Feedback current
IFB
VFB = 0.63V
10
50
nA
PFET switch on resistance
RDSON_P
VIN = 5V
35
mΩ
NFET switch on resistance
RDSON_N
VIN = 5V
18
mΩ
Switch leakage
VEN = 0V, VIN = 5.5V,
VSW = 0V and 5.5V,
TJ = 25°C
0
5
μA
PFET peak current limit (7)
TJ = 25°C
5
6.5
A
NFET valley current limit (7)
4.5
A
On time
tON
VIN = 5V, VOUT = 1.2V
220
ns
VIN = 3.6V, VOUT = 1.2V
300
Switching frequency
fSW
VOUT = 1.2V
1100
kHz
Minimum off time
tMIN-OFF
100
ns
Minimum on time (7)
tMIN-On
80
ns
Soft-start time
tSS-ON
From 10% VOUT to 90%
VOUT
0.5
1
ms
Soft-stop time
tSS-OFF
From 90% VOUT to 10%
VOUT
0.3
ms
EN off delay
VEN off to 90% VOUT drop
0.4
ms
Power good upper trip threshold
FB with respect to the
regulation
+10
%
Power good lower trip threshold
-10
%
Power good delay
Rising
90
μs
Power good sink current
capability
VPG_LO
Sink 1mA
0.4
V
Power good logic high voltage
VPG_HI
VIN = 5V, VFB = 0.63V
4.9
V
Under-voltage lockout threshold
rising
-40°C
≤ TJ ≤ +85°C
2.48
2.68
V
Under-voltage lockout threshold
hysteresis
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com