Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP2174CGG
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174CGG Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP2174CGG Datasheet HTML 7Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 8Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 9Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 10Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 11Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 12Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 13Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 14Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
11
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier (NCH)
Constant-
On-Time
Pulse
PWM
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
COMP
+
-
PVIN
/VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft Start
PGND
OUT
PWM
COMP
+
-
PG
Hi-Z
E.A.
+
-
+
Ramp
Generat or
COMP
+
-
VO UT
RST
SW
Low IQ
VTH
COMP
+
-
AGND
0.66V
0.54V
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com