Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174CGG Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP2174CGG
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174CGG Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP2174CGG Datasheet HTML 8Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 9Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 10Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 11Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 12Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 13Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 14Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 15Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 16Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
14
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Selecting the Output Capacitor
An output capacitor (C2) is required to maintain
the DC output voltage.
Low-ESR ceramic capacitors can be used with
the MP2174C to keep the output ripple low.
Generally, a 10
μF output ceramic capacitor is
sufficient. In higher output voltage conditions, a
22
μF capacitor may be needed for system
stability.
Using ceramic capacitors, the capacitance
dominates the impedance at the switching
frequency, and is the main cause of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(8):

 

 

OUT
OUT
OUT
2
SW
1
IN
VV
ΔV1
8 f
L
C2
V
(8)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be estimated with Equation (9):

 


OUT
OUT
OUT
ESR
IN
SW
1
VV
ΔV
1
R
f
L
V
(9)
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 3 and
follow the guidelines below:
1. Place the input decoupling capacitor as
close as possible to the IC pins, pin 1 and
pin 3 (an 0805 ceramic capacitor is used).
2. Ensure
the two
ends
of
the
ceramic
capacitor are connected directly to PVIN
(pin 1) and PGND (pin 3).
PG
EN
VIN
GND
VOUT
SW
R2
R1
L1
C1
SW
VIN
GND
Top Layer
Bottom Layer
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com