Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2696B Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 9Page - MPS Industries, Inc. MP2696B Datasheet HTML 10Page - MPS Industries, Inc. MP2696B Datasheet HTML 11Page - MPS Industries, Inc. MP2696B Datasheet HTML 12Page - MPS Industries, Inc. MP2696B Datasheet HTML 13Page - MPS Industries, Inc. MP2696B Datasheet HTML 14Page - MPS Industries, Inc. MP2696B Datasheet HTML 15Page - MPS Industries, Inc. MP2696B Datasheet HTML 16Page - MPS Industries, Inc. MP2696B Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
13
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
L1 =
1μH/10mΩ, CBATT = 22µF, RS1 = 10mΩ, TA = 25°C, battery simulator load, unless otherwise
noted.
Constant Voltage Charge Steady
State
VIN = 5V, VBATT = 4.2V
Start-Up in Constant Current Charge
Mode
VIN = 5V, VBATT = 3.5V, ICC = 3A
CH1: VIN
2V/div.
CH2: VBATT
2V/div.
CH4: IL
1A/div.
CH3: VSW
5V/div.
CH2: VBATT
2V/div.
CH1: VIN
2V/div.
CH4: ICHG
2A/div.
CH3: VSW
5V/div.
1
μs/div.
2ms/div.
Shutdown in Constant Current
Charge Mode
VIN = 5V, VBATT = 3.5V, ICC = 3A
Boost Steady State
VBATT = 4V, ISYS = 3.5A
CH2: VBATT
2V/div.
CH1: VIN
2V/div.
CH4: ICHG
2A/div.
CH3: VSW
5V/div.
CH2: VSYS
2V/div.
CH1: VBATT
1V/div.
CH4: IL
2A/div.
CH3: VSW
2V/div.
2ms/div.
1
μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com