Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2696B Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MP2696B Datasheet HTML 17Page - MPS Industries, Inc. MP2696B Datasheet HTML 18Page - MPS Industries, Inc. MP2696B Datasheet HTML 19Page - MPS Industries, Inc. MP2696B Datasheet HTML 20Page - MPS Industries, Inc. MP2696B Datasheet HTML 21Page - MPS Industries, Inc. MP2696B Datasheet HTML 22Page - MPS Industries, Inc. MP2696B Datasheet HTML 23Page - MPS Industries, Inc. MP2696B Datasheet HTML 24Page - MPS Industries, Inc. MP2696B Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
21
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
I2C REGISTER MAP
IC Address: 6Bh
Register
Name
Address
R/W
Description
REG00h
0x00
R/W
Input voltage regulation setting and input current limit setting.
REG01h
0x01
R/W
Charge current setting and pre-charge current setting.
REG02h
0x02
R/W
Battery regulation voltage and termination current setting.
REG03h
0x03
R/W
Boost output current limit setting and cable impedance
compensation.
REG04h
0x04
R/W
Boost output voltage setting and boost control.
REG05h
0x05
R
Status register.
REG06h
0x06
R
Fault register.
REG07h
0x07
R/W
Boost no-load setting and miscellaneous control.
REG08h
0x08
R/W
JEITA control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com