Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794GLE Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP8794GLE
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794GLE Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP8794GLE Datasheet HTML 8Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 9Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 10Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 11Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 12Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 13Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 14Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 15Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
12
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
VCC
EN
Reference
3V LDO
System
Monitor
Mode
Select
REF/TRK
VSNS-
FB
Error
Amplifier
PWM
Comparator
PGOOD
Comparator
PGOOD
Ramp
On
Timer
MODE
HS
Driver
LS
Driver
SW
Logic
Control
BST
REG
BST
IN
PGND
Valley
Current
Limit
and ZCD
HSG
HSG
LSG
LSG
CS
xS
xR
Q
Off
Timer
OV Detection
Comparator
UV Detection
Comparator
xLIM
FAULT
OV_TH UV_TH
OV_TH
UV_TH
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com