Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794GLE Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP8794GLE
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794GLE Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP8794GLE Datasheet HTML 1Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 2Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 3Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 4Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 5Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 6Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 7Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 8Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP8794
16V, 20A, Synchronous, Step-Down
Converter with Adjustable Current Limit,
Configurable Frequency, and Voltage Tracking
MP8794 Rev. 1.0
www.MonolithicPower.com
1
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The
MP8794
is
a
fully
integrated,
high-
frequency, synchronous, buck converter. The
MP8794
offers
a
compact
solution
that
achieves up to 20A of output current with
excellent load and line regulation over a wide
input supply range. The MP8794 operates at
high efficiency over a wide output current load
range.
The device adopts an internally compensated
constant-on-time
(COT)
control
mode
that
provides fast transient response and eases loop
stabilization.
The operating frequency can be set to 600kHz,
800kHz, or 1000kHz with MODE configuration,
allowing the MP8794 frequency to remain
constant regardless of the input and output
voltages.
The output voltage start-up ramp is controlled
by an internal 1ms timer that can be increased
by adding a capacitor on REF/TRK. An open-
drain power good (PGOOD) signal indicates
whether the output is within its nominal voltage
range. PGOOD is clamped at about 0.7V with
an external pull-up voltage when the input
supply fails to power the MP8794.
Full protection features include over-current
protection
(OCP),
over-voltage
protection
(OVP), under-voltage protection (UVP), and
over-temperature protection (OTP).
The MP8794 requires a minimal number of
readily available, standard external components.
It
is available in a QFN-21 (3mmx4mm)
package.
FEATURES
 Wide Input Voltage Range
o
2.7V to 16V with External 3.3V VCC
Bias
o
4V to 16V with Internal Bias or External
3.3V VCC Bias
 Differential Output Voltage Remote Sense
 Configurable Accurate Current Limit Level
 20A Output Current
 Low R
DS(ON) Integrated Power MOSFETs
 Adaptive COT for Ultra-Fast Transient
Response
 Stable with Zero-ESR Output Capacitor
 Output Voltage Discharge
 Excellent Load Regulation
 Output Voltage Tracking
 PGOOD Active Clamped at Low Level
during Power Failure
 Programmable Soft-Start Time from 1ms
 Pre-Bias Start-Up
 Selectable Switching Frequency from
600kHz, 800kHz, and 1000kHz
 Non-Latch OCP, OVP, UVP, UVLO, and
Thermal Shutdown
 Adjustable Output from 0.6V to 90% of V
IN,
up to 5.5V Max
 Available in a QFN-21 (3mmx4mm)
Package
 The MPL-AY1265 Inductor Series Matches
Best Performance
APPLICATIONS
 FPGAs
 Flat-Panel Televisions and Monitors
 Multi-Functional Printers
 Access Points and Routers
 Optical Modules
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP8794GLE

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8795AN EXAR-MP8795AN Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8795AS EXAR-MP8795AS Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - MP8794GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com