Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8794GLE Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP8794GLE
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794GLE Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP8794GLE Datasheet HTML 14Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 15Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 16Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 17Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 18Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 19Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 20Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 21Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
18
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC current to the converter while maintaining
the DC input voltage. Use ceramic capacitors
for the best performance. During layout design,
place the input capacitors as close to VIN as
possible.
The capacitance can vary significantly with the
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over a wide temperature
range and offer very low ESR.
The capacitors must have a ripple current rating
that exceeds the
converter’s maximum input
ripple current. Estimate the input ripple current
with Equation (8):
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
(8)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (9):
2
I
I
OUT
CIN 
(9)
For simplification, choose an input capacitor
with an RMS current rating that exceeds half
the maximum load current. The input capacitor
value determines the converter input voltage
ripple. If there is an input voltage ripple
requirement in the system, select an input
capacitor that meets the specification.
Estimate the input voltage ripple with Equation
(10):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(10)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (11):
OUT
IN
SW
IN
I
1
V
4
f
C
 
(11)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. Use POSCAP or ceramic capacitors.
Estimate the output voltage ripple with Equation
(12):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 F
C
 
(12)
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output
voltage
ripple.
For
simplification,
estimate the output voltage ripple with Equation
(13):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
 
 
(13)
For simplification, the output ripple can be
estimated with Equation (14):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(14)
Selecting the Inductor
The inductor supplies a constant current to the
output load while being driven by the switching
input voltage. A larger-value inductor results in
less ripple current and lower output ripple
voltage. However, it also has a larger physical
size, a higher series resistance, and a lower
saturation current. It is usually recommended to
select an inductor value that sets the inductor
peak-to-peak ripple current between 30% and
40% of the maximum switch current limit.
Design for a peak inductor current that is below
the maximum switch current limit. Calculate the
inductance value with Equation (15):
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(15)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that does not saturate
under the maximum inductor peak current. The
peak inductor current can be calculated with
Equation (16):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2 f
L
V
 

(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com