Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9842GL Datasheet(PDF) 23 Page - MPS Industries, Inc.

Part # MPQ9842GL
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842GL Datasheet(HTML) 23 Page - MPS Industries, Inc.

Back Button MPQ9842GL Datasheet HTML 19Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 20Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 21Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 22Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 24Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 25Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 26Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 27Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
23
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SYNC
CLK
SW1
SW2
t
SW1, 2 has a 180o phase shift
SW1: Phase high
SW2: Phase low
Figure 3: In-Phase and 180° Out-of-Phase
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the chip starts up, an
internal current source begins charging the
external soft-start capacitor. The internal SS
voltage (VSSI) rises with the soft-start voltage
(VSS), but VSSI differs from VSS in that it has a
0.5V offset and some delay. When VSS is below
0.5V, VSSI is 0V. VSSI rises from 0V to 0.8V while
VSS rises from 0.5V to 1.6V. At this time, the
error amplifier uses VSSI as the reference, and
the output voltage ramps up from 0V to the
regulated value following VSSI rising. When VSS
reaches 1.6V, VSSI is 0.8V and overrides the
internal VREF, so the error amplifier uses the
internal VREF as the reference.
The soft-start time (tSS) set by the external SS
capacitor can be calculated with Equation (2):
=
SS
SS
SS
C (nF) 1.1V
t (ms)
I ( A)
(2)
Where CSS is the external SS capacitor, and ISS
is the internal 10
μA SS charge current. There is
also an internal 0.7ms soft start when the SS
pin is floating. The final SS time is determined
by the longer time between 0.7ms and the
external SS set time.
SS can be used for tracking and sequencing.
Pre-Bias Start-Up
During start-up, if VFB > VSSI-150mV, then the
output has a pre-bias voltage, and neither the
HS-FET or LS-FET turn on until VSSI-150mV is
higher than FB.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from running away thermally. When the
silicon die temperature is higher than its upper
threshold, the power MOSFETs are shut down.
When the temperature is lower than its lower
threshold, thermal shutdown is removed, and
the MPQ9842 is enabled again.
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. The
current is then fed to the high-speed current
comparator for current-mode control purposes.
The current comparator takes this sensed
current as one of its inputs. When the HS-FET
is turned on, the comparator is first blanked
until the end of the turn-on transition to avoid
noise. Then the comparator compares the
power switch current with VCOMP. When the
sensed current is higher than VCOMP, the
comparator outputs low to turn off the HS-FET.
The maximum current of the internal power
MOSFET is limited cycle-by-cycle internally.
Hiccup Protection
When the output is shorted to ground, causing
the output voltage to drop below 55% of its
nominal output, the IC shuts down momentarily
and begins discharging the soft-start capacitor.
The IC restarts with a full soft start when the
soft-start capacitor is fully discharged. This
hiccup process is repeated until the fault is
removed.
Start-Up and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts up. The
reference block starts first, generating a stable
reference voltage and current, and then the
internal regulator is enabled. The regulator
provides a stable supply for the rest of the
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank the start-up glitches. When the
soft-start block is enabled, it first holds its SS
output low to ensure that the rest of the
circuitries are ready before ramping up slowly.
Three events can shut down the chip: EN low,
VIN
low,
and
thermal
shutdown.
In
the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. VCOMP
and the internal supply rail are then pulled down.
The floating driver is not subject to this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com