Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9842GL Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MPQ9842GL
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842GL Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MPQ9842GL Datasheet HTML 1Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 2Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 3Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 4Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 5Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 6Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 7Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 8Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MPQ9842
36V, 2A, Low IQ,
Step-Down Converter
AEC-Q100 Qualified
MPQ9842 Rev. 1.1
www.MonolithicPower.com
1
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The
MPQ9842
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a very compact solution that achieves 2A
of continuous output current with excellent load
and line regulation over a wide 3.3V to 36V
input supply range. The switching frequency is
programmable or can be synchronized to an
external clock in the range of 350kHz to
2.5MHz. Synchronous operation and ultra-low
14μA sleep mode quiescent current provide
high efficiency over the output current load
range, allowing the MPQ9842 to be used in a
variety of step-down applications in automotive
input
environments
and
battery-powered
applications.
Peak-current-mode
operation
provides
fast
transient response and eases loop stabilization.
The excellent low dropout performance allows
the MPQ9842 to be used in high duty cycle
applications.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
and thermal shutdown. An open-drain power
good (PG) signal indicates when the output is
within 10% of its nominal voltage.
The MPQ9842 is available in a space-saving
QFN-16 (3mmx4mm) package.
FEATURES
• 2μA Low Shutdown Supply Current
• 14μA No-Load Quiescent Current
• Internal 125mΩ High-Side and 55mΩ Low-
Side MOSFET
• 350kHz to 2.5MHz Programmable Switching
Frequency
• Power Good (PG) Output
• External Soft Start (SS)
• 80ns Minimum On Time
• Selectable Forced CCM and AAM
• Hiccup Over-Current Protection (OCP)
• AEC-Q100 Grade-1
• Available in a QFN-16 (3mmx4mm)
Package
APPLICATIONS
• Automotive Systems
• Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VOUT
SW
EN
VIN
BST
MPQ9842
PHASE
SS
FREQ
SYNC
FB
VCC
PG
BIAS
VIN
GND
OFF ON
VOUT
SW
EN
VIN
BST
MPQ9842
PHASE
SS
FREQ
SYNC
FB
VCC
PG
BIAS
VIN
GND
OFF ON
Output Adjustable Version
Output Fixed Version


Similar Part No. - MPQ9842GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ9840 MPS-MPQ9840 Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL MPS-MPQ9840GL Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1 MPS-MPQ9840GL-AEC1 Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1-P MPS-MPQ9840GL-AEC1-P Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
MPQ9840GL-AEC1-Z MPS-MPQ9840GL-AEC1-Z Datasheet
2Mb / 34P
36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
7/1/2020 Rev. 1.02
More results

Similar Description - MPQ9842GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com