Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9842GL Datasheet(PDF) 24 Page - MPS Industries, Inc.

Part # MPQ9842GL
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842GL Datasheet(HTML) 24 Page - MPS Industries, Inc.

Back Button MPQ9842GL Datasheet HTML 20Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 21Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 22Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 24Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 25Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 26Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 27Page - MPS Industries, Inc. MPQ9842GL Datasheet HTML 28Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
24
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
shutdown command, but its charging path is
disabled.
Power Good (PG) Output
The
MPQ9842
has
a
power
good
(PG)
indicator. PG is the open drain of a MOSFET
and should be connected to VCC or another
vo
ltage source through a resistor (e.g.: 100kΩ).
In the presence of an input voltage, the
MOSFET turns on so that PG is pulled low
before SS is ready. When the regulator output
is within ±10% of its nominal output, the PG
output is pulled high after a delay, typically
30
μs. When the output voltage moves outside
of this range with a hysteresis, the PG output is
pulled low with a 50
μs delay to indicate a failure
output status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com