Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB650GL Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650GL Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button NB650GL Datasheet HTML 11Page - MPS Industries, Inc. NB650GL Datasheet HTML 12Page - MPS Industries, Inc. NB650GL Datasheet HTML 13Page - MPS Industries, Inc. NB650GL Datasheet HTML 14Page - MPS Industries, Inc. NB650GL Datasheet HTML 15Page - MPS Industries, Inc. NB650GL Datasheet HTML 16Page - MPS Industries, Inc. NB650GL Datasheet HTML 17Page - MPS Industries, Inc. NB650GL Datasheet HTML 18Page - MPS Industries, Inc. NB650GL Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
15
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
)
V
2
1
V
(V
R1
1
V
2
1
V
R2A
RAMP
REF
OUT1
RAMP
REF
(23)
R2A
1
V
2
1
V
)
V
2
1
V
(V
R1
1
1
R2B
RAMP
REF
RAMP
REF
OUT2
(24)
R2A
1
V
2
1
V
)
V
2
1
V
(V
R1
1
1
R2C
RAMP
REF
RAMP
REF
OUT3
(25)
Select CDC>10×C4 for better DC blocking, but
select a value less than 0.47µF when considering
start up performance. For larger CDC values for
better FB noise immunity, combine with reduced
R1 and R2 to limit the CDC to a reasonable value
without affecting system start-up. Note that even
with CDC, the load and line regulation are still
related to VRAMP.
R1
R2
Ceramic
SW
FB
Vo
L
Cdc
R4
C4
Figure 11: Simplified Circuit with Ceramic DC-
Blocking Capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Use ceramic capacitors for best performance.
The
capacitance
varies
significantly
over
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over temperature.
In the layout, place the input capacitors as close
to the IN pin as possible.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as:
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(26)
The worst-case condition occurs at:
OUT
CIN
I
I
2
(27)
For simplification, choose an input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If the system
requires a specific input voltage ripple, choose
the input capacitor that meets the specification.
The input voltage ripple can be estimated as:
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(28)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
IN
SW
IN
I
1
V
4
f
C
 
(29)
Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic or POSCAP capacitors.
The output voltage ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
 
(30)
Where RESR is the equivalent series resistance
(ESR) of the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates
the
impedance
at
the
switching
frequency, and causes the majority of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated as:
OUT
OUT
OUT
2
IN
SW
OUT
VV
V
(1
)
V
8 f
L C
 
 
(31)
The output voltage ripple caused by ESR is very
small, and therefore requires an external ramp to
stabilize the system. The external ramp can be
generated through resistor R4 and capacitor C4
following equations 5, 9 and 10.
For POSCAP capacitors, the ESR dominates the
impedance at the switching frequency. The ramp
voltage generated from the ESR is high enough
to stabilize the system. Therefore, an external
ramp is not needed. A minimum ESR value of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com