Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB650GL Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650GL Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button NB650GL Datasheet HTML 12Page - MPS Industries, Inc. NB650GL Datasheet HTML 13Page - MPS Industries, Inc. NB650GL Datasheet HTML 14Page - MPS Industries, Inc. NB650GL Datasheet HTML 15Page - MPS Industries, Inc. NB650GL Datasheet HTML 16Page - MPS Industries, Inc. NB650GL Datasheet HTML 17Page - MPS Industries, Inc. NB650GL Datasheet HTML 18Page - MPS Industries, Inc. NB650GL Datasheet HTML 19Page - MPS Industries, Inc. NB650GL Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
19
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
LAYOUT RECOMMENDATIONS
1. Place the high current paths (GND, IN, and
SW) as close to the device as possible with
direct, short, and wide traces.
2. Use a 0.1
μF input decoupling capacitor to
connect the IN and GND pins. Put the input
decoupling capacitor and input capacitors as
close to the IN and GND pins as possible.
3. Put the VCC decoupling capacitor as close to
the VCC and GND pins as possible.
4. Keep the switching node SW short and away
from the feedback network.
5. Place the external feedback resistors next to
the FB pin. Make sure that there is no via on
the FB trace.
6. Keep the BST voltage path (BST, CBST, and
SW) as short as possible.
7. Connect the bottom IN and SW pads to large
copper areas to achieve better thermal
performance.
8. Use a four-layer layout to achieve better
thermal performance.
SW1
C2
L1
R3
R2A
R3
C4
R3
R4
SW
SW
IN
PGND
PGND
BST
PG
EN
VID1
VID2
VCC
AGND
SS
FREQ
RFB1
FB
RFB2
IN
PGND
PGND
SW
SW
1
2
3
4
8
7
6
5
9
10
11
12
13
14
15
16
17
GND
VIN
VOUT
SW
GND
Top Layer
GND
SW
Inner1 Layer
GND
SW
Inner2 Layer
GND
VOUT
SW
C6
R3
R6
Bottom Layer
Figure 16: PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com