Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820Q Datasheet(PDF) 24 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 24 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 20Page - ESS Technology,Inc ES9820Q Datasheet HTML 21Page - ESS Technology,Inc ES9820Q Datasheet HTML 22Page - ESS Technology,Inc ES9820Q Datasheet HTML 23Page - ESS Technology,Inc ES9820Q Datasheet HTML 24Page - ESS Technology,Inc ES9820Q Datasheet HTML 25Page - ESS Technology,Inc ES9820Q Datasheet HTML 26Page - ESS Technology,Inc ES9820Q Datasheet HTML 27Page - ESS Technology,Inc ES9820Q Datasheet HTML 28Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
24
The following list shows the various clocks of the ES9820 and the associated registers for configuration.
Analog ADC Clock
ADC clock must be maintained to be between 22.5792MHz & 24.576MHz
•
Reg 194[0] (SEL_CLK_DIV)
•
Reg 193[2:1] (SEL_SYSCLK_IN)
•
Reg 193[0] (EN_ANA_CLKIN)
IADC Clock (Digital Input ADC Clock)
Should be set to the same clock frequency as the analog ADC clock, sampling Analog ADC
•
Reg 3[2:0] (SELECT_IADC_NUM)
o
Set this so it matches Analog ADC clock of 22.5792 or 24.576MHz
•
Reg 1
o
Dependent on channels required
•
Reg 193[2:1] (SEL_SYSCLK_IN)
•
Reg 193[0] (EN_ANA_CLKIN)
ADC Decimation Path Clock
•
Reg 2[4:0] (SELECT_ADC_NUM)
•
Reg 1
o
Dependent on channels required
•
Reg 9[6:0]
•
Reg 193[2:1] (SEL_SYSCLK_IN)
•
Reg 193[0] (EN_ANA_CLKIN)
Master BCK & WS
•
Reg 8
•
Reg 7[7:5] MASTER_WS_SCALE
•
Reg 9[6:0] SELECT_I2S_TDM_NUM
•
Reg 193[2:1] (SEL_SYSCLK_IN)
•
Reg 193[0] (EN_ANA_CLKIN)
TDM Clock
•
Reg 10[0] (ENABLE_TDM_CLK)
S/PDIF Clock
•
Reg 5[2] (ENABLE_SPDIF_CLK)
ASP1 Clock
•
Reg 35[0] (ENABLE_ASP1_CLK)
•
Reg 35[5:1] (SELECT_ASP1_NUM)
•
Reg 1
o
Dependent on channels required
•
Reg 193[2:1] (SEL_SYSCLK_IN)
•
Reg 193[0] (EN_ANA_CLKIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com