Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820Q Datasheet(PDF) 63 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 63 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 59Page - ESS Technology,Inc ES9820Q Datasheet HTML 60Page - ESS Technology,Inc ES9820Q Datasheet HTML 61Page - ESS Technology,Inc ES9820Q Datasheet HTML 62Page - ESS Technology,Inc ES9820Q Datasheet HTML 63Page - ESS Technology,Inc ES9820Q Datasheet HTML 64Page - ESS Technology,Inc ES9820Q Datasheet HTML 65Page - ESS Technology,Inc ES9820Q Datasheet HTML 66Page - ESS Technology,Inc ES9820Q Datasheet HTML 67Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
63
ES9820 Product Datasheet
Register 41-40: ASP PROGRAM
Bits
[15:14]
[13:0]
Default
2'd0
14'd0
Bits
Mnemonic
Description
[15:14]
RESERVED
NA
[13:0]
ASP_PROGRAM_IN
A 14 bits program instruction that will be written to the
address of either ASP defined by ASP_PROGRAM_ADDR.
Register 42: ASP COEFF ADDR
Bits
[7:6]
[5:0]
Default
2'd0
6'd0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5:0]
ASP_COEFF_ADDR
Selects the coefficient address when writing custom
coefficient for either ASP.
Register 50-43: ASP COEFF
Bits
[63:32]
[31:0]
Default
32'd0
32'd0
Bits
Mnemonic
Description
[63:32]
ASP_COEFF_MSB
A 32 bits coefficient that will be written to the address defined
by ASP_COEFF_ADDR. These last 32 bits are typically used
for the channel 2 data.
[31:0]
ASP_COEFF_LSB
A 32 bits coefficient that will be written to the address defined
by ASP_COEFF_ADDR. These first 32 bits are typically used
for the channel 1 data.
Register 51: ASP1 CH1 STEP SIZE
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
ASP1_CH1_STEP_SIZE
Programmable value to be used in multiplications for Ch1
within ASP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com