Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9820Q Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 7Page - ESS Technology,Inc ES9820Q Datasheet HTML 8Page - ESS Technology,Inc ES9820Q Datasheet HTML 9Page - ESS Technology,Inc ES9820Q Datasheet HTML 10Page - ESS Technology,Inc ES9820Q Datasheet HTML 11Page - ESS Technology,Inc ES9820Q Datasheet HTML 12Page - ESS Technology,Inc ES9820Q Datasheet HTML 13Page - ESS Technology,Inc ES9820Q Datasheet HTML 14Page - ESS Technology,Inc ES9820Q Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
11
ES9820 Product Datasheet
Volume Control
This volume control is intended for use during audio playback. Each channel can be digitally attenuated from 0dB to –84dB in 0.5dB steps. The
attenuation circuit automatically uses micro-stepping between 0.5dB register settings so that no switching noise occurs during the volume control
transition. When a new volume level is set, the attenuation circuit will ramp softly to the new level. Each 0.5dB step takes up to 64 intermediate steps
depending on the CHx VOLUME RATE setting.
Volume Level Configuration Registers
•
Register 109-110: ADC CH1 VOLUME
•
Register 126-127: ADC CH2 VOLUME
Volume Rate Configuration Registers
•
Register 111: ADC CH1 VOLUME RATE
•
Register 128: ADC CH2 VOLUME RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com