Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-3CSCL Datasheet(PDF) 29 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 29 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 25Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 26Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 27Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 28Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 29Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 30Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 31Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 32Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
29
4188E–8051–08/06
AT/TS8xC51Rx2
There are two additional registers associated with each of the PCA modules. They are CCAPnH
and CCAPnL and these are the registers that store the 16-bit count when a capture occurs or a
compare should occur. When a module is used in the PWM mode these registers are used to
control the duty cycle of the output (See Table 6-8 & Table 6-9)
Table 6-8.
CCAPnH: PCA Modules Capture/Compare Registers High
Table 6-9.
CCAPnL: PCA Modules Capture/Compare Registers Low
Table 6-10.
CH: PCA Counter High
Table 6-11.
CL: PCA Counter Low
6.3.1
PCA Capture Mode
To use one of the PCA modules in the capture mode either one or both of the CCAPM bits
CAPN and CAPP for that module must be set. The external CEX input for the module (on port 1)
is sampled for a transition. When a valid transition occurs the PCA hardware loads the value of
the PCA counter registers (CH and CL) into the module's capture registers (CCAPnL and
CCAPnH). If the CCFn bit for the module in the CCON SFR and the ECCFn bit in the CCAPMn
SFR are set then an interrupt will be generated (Refer to Figure 6-6).
CCAPnH Address
n = 0 - 4
CCAP0H=0FAH
CCAP1H=0FBH
CCAP2H=0FCH
CCAP3H=0FDH
CCAP4H=0FEH
7
654
32
10
Reset value
0
000
00
00
CCAPnL Address
n = 0 - 4
CCAP0L=0EAH
CCAP1L=0EBH
CCAP2L=0ECH
CCAP3L=0EDH
CCAP4L=0EEH
765
43210
Reset value000
00000
CH
Address 0F9H
765
43210
Reset value000
00000
CL
Address 0E9H
765
43210
Reset value000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com