Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-3CSCL Datasheet(PDF) 1 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 1 Page - International Rectifier

  AT80C51RA2-3CSCL Datasheet HTML 1Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 2Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 3Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 4Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 5Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 6Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 7Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 8Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
1.
Features
• 80C52 Compatible
– 8051 pin and instruction compatible
– Four 8-bit I/O ports
– Three 16-bit timer/counters
– 256 bytes scratchpad RAM
• High-Speed Architecture
– 40 MHz @ 5V, 30MHz @ 3V
– X2 Speed Improvement capability (6 clocks/machine cycle)
– 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
– 60 MHz @ 5V, 40 MHz @ 3V)
• Dual Data Pointer
• On-chip ROM/EPROM (16K-bytes, 32K-bytes, 64K-bytes)
• On-chip eXpanded RAM (XRAM) (256 or 768 bytes)
• Programmable Clock Out and Up/Down Timer/Counter 2
• Programmable Counter Array with
– High Speed Output,
– Compare / Capture,
– Pulse Width Modulator,
– Watchdog Timer Capabilities
• Hardware Watchdog Timer (One-time enabled with Reset-Out)
• 2 extra 8-bit I/O ports available on RD2 with high pin count packages
• Asynchronous port reset
• Interrupt Structure with
– 7 Interrupt sources,
– 4 level priority interrupt system
• Full duplex Enhanced UART
– Framing error detection
– Automatic address recognition
• Low EMI (inhibit ALE)
• Power Control modes
– Idle mode
– Power-down mode
– Power-off Flag
• Once mode (On-chip Emulation)
• Power supply: 4.5-5V, 2.7-5.5V
• Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)
• Packages: PDIL40, PLCC44, VQFP44 1.4, PLCC68, VQFP64 1.4
2.
Description
Atmel TS8xC51Rx2 is a high performance CMOS ROM, OTP, EPROM and ROMless
versions of the 80C51 CMOS single chip 8-bit microcontroller.
The TS8xC51Rx2 retains all features of the 80C51 with extended ROM/EPROM
capacity (16/32/64 Kbytes), 256 bytes of internal RAM, a 7-source , 4-level interrupt
system, an on-chip oscilator and three timer/counters.
In addition, the TS80C51Rx2 has a Programmable Counter Array, an XRAM of 256 or
768 bytes, a Hardware Watchdog Timer, a more versatile serial channel that facili-
High
Performance
8-bit
Microcontroller
TS80C51RA2
TS80C51RD2
TS83C51RB2
TS83C51RC2
TS83C51RD2
TS87C51RB2
TS87C51RC2
TS87C51RD2
AT80C51RA2
AT80C51RD2
AT83C51RB2
AT83C51RC2
AT83C51RD2
AT87C51RB2
AT87C51RC2
AT87C51RD2
Rev. 4188E–8051–08/06


Similar Part No. - AT80C51RA2-3CSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51RA2-3CSCL ATMEL-AT80C51RA2-3CSCL Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results

Similar Description - AT80C51RA2-3CSCL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
High Performance 8-bit RISC Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com