Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-3CSCL Datasheet(PDF) 63 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 63 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 59Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 60Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 61Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 62Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 63Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 64Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 65Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 66Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 67Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
63
4188E–8051–08/06
AT/TS8xC51Rx2
TA = 0 to +70
°C (commercial temperature range); V
SS = 0 V; 2.7 V < VCC < 5.5 V; -L range.
TA = -40
°C to +85°C (industrial temperature range); V
SS = 0 V; 2.7 V < VCC < 5.5 V; -L range.
Table 11-3. gives the maximum applicable load capacitance for Port 0, Port 1, 2 and 3, and ALE
and PSEN signals. Timings will be guaranteed if these capacitances are respected. Higher
capacitance values can be used, but timings will then be degraded.
Table 11-3.
Load Capacitance versus speed range, in pF
Table 11-5., Table 39. and Table 42. give the description of each AC symbols.
Table 11-6., Table 11-8. and Table 11-10. give for each range the AC parameter.
Table 11-7., Table 11-9. and Table 11-11. give the frequency derating formula of the AC param-
eter. To calculate each AC symbols, take the x value corresponding to the speed grade you
need (-M, -V or -L) and replace this value in the formula. Values of the frequency must be limited
to the corresponding speed grade:
Table 11-4.
Max frequency for derating formula regarding the speed grade
Example:
TLLIV in X2 mode for a -V part at 20 MHz (T = 1/20
E6 = 50 ns):
x= 22 (Table 11-7.)
T= 50ns
T
LLIV= 2T - x = 2 x 50 - 22 = 78ns
-M
-V
-L
Port 0
100
50
100
Port 1, 2, 3
80
50
80
ALE / PSEN
100
30
100
-M X1 mode
-M X2 mode
-V X1 mode
-V X2 mode
-L X1 mode
-L X2 mode
Freq (MHz)
4020
40303020
T (ns)
25
50
25
33.3
33.3
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com