Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2136 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M2136
Description  ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2136 Datasheet(HTML) 2 Page - Unisonic Technologies

  M2136 Datasheet HTML 1Page - Unisonic Technologies M2136 Datasheet HTML 2Page - Unisonic Technologies M2136 Datasheet HTML 3Page - Unisonic Technologies M2136 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC M2136
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-020,A
EQUIVALENT CIRCUIT
V+
-INPUT
+INPUT
V-
OUTPUT
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±
6.75
V
Differential Input Voltage
VID
±
3
V
Power Dissipation
TSSOP-8
SOP-8
PD
250
300
mV
Operating Temperature Range
Topr
-40~+85
°C
Storage Temperature Range
Tstg
-50~+125
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com