Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2136 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2136
Description  ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2136 Datasheet(HTML) 1 Page - Unisonic Technologies

  M2136 Datasheet HTML 1Page - Unisonic Technologies M2136 Datasheet HTML 2Page - Unisonic Technologies M2136 Datasheet HTML 3Page - Unisonic Technologies M2136 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC M2136
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-020,A
ULTRA WIDE BAND,HIGH SLEW
RATE SINGLE OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2136 is an ultra wide band, high slew
rate single operational amplifier operated from low
voltage(±1.35V).
It can apply to active filter, high speed analog and
digital signal processor, line driver. HDTV, industrial
measurement equipment and others.
It can also apply to portable communication items
because of low operating voltage and low operating
current.
FEATURES
*Input Offset Voltage Balance
*Operating Voltage: ±1.35V~±6V
*Uitra Wide Band: 200MHz typ.
*High Slew Rate: 45V/μs typ.
*Low Operating Current: 0.63mA typ.
SOP-8
TSSOP-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
BAL
-INPUT
+INPUT
V-
BAL
V +
OUTPUT
NC
-
+


Similar Part No. - M2136

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136G-P08-R UTC-M2136G-P08-R Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136G-P08-R UTC-M2136G-P08-R Datasheet
166Kb / 4P
HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136G-S08-R UTC-M2136G-S08-R Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136G-S08-R UTC-M2136G-S08-R Datasheet
166Kb / 4P
HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - M2136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
NJM2138 NJRC-NJM2138 Datasheet
169Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com