Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2136 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2136
Description  ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2136 Datasheet(HTML) 3 Page - Unisonic Technologies

  M2136 Datasheet HTML 1Page - Unisonic Technologies M2136 Datasheet HTML 2Page - Unisonic Technologies M2136 Datasheet HTML 3Page - Unisonic Technologies M2136 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC M2136
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-020,A
ELECTRICAL CHARACTERISTICS (V+/V-=±2.5V,Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V+/V-
±
1.35
±
2.50
±
6.00
V
Input Offset Voltage
VIO
Rs≤0Ω
1.0
5.0
mV
Input Bias Current
IB
0.5
2.0
µA
Input Offset Current
IIO
20
200
nA
Large Signal Voltage Gain
Av
RL≥10kΩ
65
75
dB
1.2
1.5
Input Common Mode Voltage
Range
VICM
-1.2
-1.5
V
Common Mode Rejection Ratio
CMR
-1V≤Vcm≤+1V
45
60
dB
+SVR
70
100
Supply Voltage Rejection Ratio
-SVR
50
60
dB
1.1
1.4
Maximum Output Voltage
Swing
VOM
RL=1kΩ
-0.9
-1.2
V
Operating Current
Icc
RL=∞(all Amp.)
0.63
0.82
mA
Slew Rate
SR
Av=0dB
45
V/
µs
Gain-Bandwidth Product
GB
60dB•500kHz
120
200
MHz
Phase Margin
ΦM
40dB
25
deg
Unity Gain-Bandwidth
fT
40dB
40
MHz
OFFSET ADJUSTMENT METHOD
-
+
1
2
3
4
6
7
8
Rp
V+
V-
Rp=200Ω
note: The electrical characteristics change a little, in case the Rp is connected.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com