Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA56-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA56-AE3-R
Description  AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA56-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA56-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTA56
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R206-090,A
ABSOLUTE MAXIMUM RATINGS (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-4
V
Collector Current - Continuous
IC
-500
mA
Total Device Dissipation(Note 1)
Derate Above 25℃
PD
350
2.8
mW
mW/℃
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note 1. Device mounted on FR-4=1.6×1.6×0.06 in
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
Thermal Resistance, Junction to Ambient
θJA
357
℃
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(Note 1)
BVCEO IC=-1.0mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
BVEBO IE=-100µA, Ic=0
-4
V
Collector Cutoff Current
ICES
VCE=-60V, IB=0
-0.1
µA
Collector Cutoff Current
ICBO
VCB=-80V, IE=0
-0.1
µA
ON CHARACTERISTICS
DC Current Gain
hFE
IC=-10mA, VCE=-1V
IC=-100mA, VCE=-1V
100
100
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-100mA, IB=-10mA
-0.25
V
Base-Emitter on Voltage
VBE(ON) IC=-100mA, VCE=-1V
-1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
(Note2)
fT
IC=-10mA, VCE=-2V,
f=100MHz
100
MHz
Note 1: Pulse test: PW≤300
µs, Duty Cycle≤2%
2: fT is defined as the frequency at which IhfeI extrapolates to unity.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com