Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA56-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA56-AE3-R
Description  AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA56-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA56-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA56
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-090,A
AMPLIFIER TRANSISTOR
FEATURES
* Collector-Emitter Voltage: VCEO=-80V
* Collector Dissipation: PD=350mW
SOT-23
1
2
3
*Pb-free plating product number: MMBTA56L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MMBTA56-AE3-R
MMBTA56L-AE3-R
SOT-23
E
B
C
Tape Reel
MMBTA56L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
2G


Similar Part No. - MMBTA56-AE3-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBTA56-AU PANJIT-MMBTA56-AU Datasheet
250Kb / 7P
NPN AND PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MMBTA56-AE3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
Amplifier Transistor(PNP Silicon)
1996
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
Amplifier Transistor(PNP Silicon)
1996
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
logo
ON Semiconductor
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_15 Datasheet
573Kb / 4P
PNP Silicon Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com