Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA56-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTA56-AE3-R
Description  AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA56-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTA56-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA56-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA56
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-090,A
TYPICAL CHARACTERISTICS
Collector Current, IC(mA)
-2.0
20
-3.0-5.0-7.0-10-20-30 -50-70-100-200
30
50
70
200
100
VCE=-2.0V
TJ=25℃
Current-Gain Bandwidth Product
Reverse Voltage, VR (V)
-0.1
5.0
-0.2 -0.5-10-20 -5.0-10 -20 -50-100
7.0
10
20
50
100
70
Cibo
Cobo
Capacitance
30
TJ=25℃
-5.0
10
-7.0
-20 -30-50
-100-200-300-500
20
30
70
300
1.0K
Switching Time
50
500
tf
-10
-70
Collector Current, IC (mA)
100
200
700
ts
tr
VCC=-40V
IC/IB=10
IB1=IB2
TJ=25℃ td@VBE(off)=-0.5V
Collector-Emitter Voltage, VCE (V)
-700
-1.0
-5.0
-20
Active-Region Safe Operating Area
TA=25℃
Current Limit
Thermal Limit
Second Breakdown Limit
MMBTA55
MMBTA56
TC=25℃
1.0ms
-2.0-3.0
-7.0-10
-30 -50-70-100
-10
-20
-30
-50
-70
-100
-200
-300
-500
-1.0K
1.0s
-0.5
40
-1.0-2.0
-10 -20 -50-100-200
60
80
400
DC Current Gain
200
Collector Current, IC (mA)
-5.0
-500
100
-55℃
25℃
TJ=125℃
VCE=-1.0V
-0.5
0
-1.0-2.0
-10-20 -50 -100-200
-0.2
-1.0
ON” Voltages
-0.8
Collector Current, IC (mA)
-5.0
-500
-0.4
VCE(SAT)@IC/IB=10
TJ=125℃
-0.6
VBE(SAT)@IC/IB=10
VBE(ON)@VCE=-1.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com