Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA820M-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TBA820M-S08-R
Description  1.2W AUDIO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TBA820M-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TBA820M-S08-R Datasheet HTML 1Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 2Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 3Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 4Page - Unisonic Technologies TBA820M-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO.,
TBA820M
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R107-008.C
1.2W AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC TBA820M is a monolithic integrated audio
amplifier. It is designed for audio frequency class b amplifier.
FEATURES
*Wide operating supply voltage: Vcc=3~14V
*Medium output power
POUT=1.2W at Vcc=9V,RL=8Ω, THD=10%
*Low quiescent circuit current: IQ=4mA(type)
*Good ripple rejection.
*Minimum number of external parts required.
DIP-8
SOP-8
*Pb-free plating product number: TBA820ML
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
TBA820M-S08-R
TBA820ML-S08-R
SOP-8
Tape Reel
TBA820M-S08-T
TBA820ML-S08-T
SOP-8
Tube
TBA820M-D08-T
TBA820ML-D08-T
DIP-8
Tube
BLOCK DIAGRAM
1
2
3
4
8
7
6
5
Ripple
Bootstrap Vcc
Output
CB
NF
Input
GND


Similar Part No. - TBA820M-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M-S08-R UTC-TBA820M-S08-R Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
More results

Similar Description - TBA820M-S08-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.2W
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
1.2W AUDIO AMPLIFIER
Jun-1988
logo
Samsung semiconductor
KA2201 SAMSUNG-KA2201 Datasheet
83Kb / 4P
1.2W AUDIO POWER AMP
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
1.2W AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com