Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA7266
Description  77W DUAL BRIDGE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266 Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA7266 Datasheet HTML 1Page - Unisonic Technologies TDA7266 Datasheet HTML 2Page - Unisonic Technologies TDA7266 Datasheet HTML 3Page - Unisonic Technologies TDA7266 Datasheet HTML 4Page - Unisonic Technologies TDA7266 Datasheet HTML 5Page - Unisonic Technologies TDA7266 Datasheet HTML 6Page - Unisonic Technologies TDA7266 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7266
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-037,A
7+7W DUAL BRIDGE
AMPLIFIER
DESCRIPTION
The UTC TDA7266 is a 7+7W dual bridge amplifier specially
designed for TV and Portable Radio applications.
FEATURES
* Wide supply voltage range (3 ~ 18V)
* Minimum external components
* No SWR capacitor
* No bootstrap
* No boucherot cells
* Internally fixed gain
* STAND-BY & MUTE functions
* Short circuit protection
* Thermal overload protection
HZIP-15A
*Pb-free plating product number: TDA7266L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
TDA7266-J15-A-T
TDA7266L-J15-A-T
HZIP-15A
Tube
PIN CONFIGURATION
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT2+
OUT2-
Vcc
IN2
N.C.
N.C.
S-GND
PW-GND
STAND-BY(ST-BY)
MUTE
N.C.
IN1
Vcc
OUT1-
OUT1+


Similar Part No. - TDA7266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
244Kb / 17P
7 7 W dual bridge amplifier
18-Jun-2019
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
1010W DUAL BRIDGE AMPLIFIER
Sep-2003
More results

Similar Description - TDA7266

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
7W Audio Power Amplifier
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
7W MONO BRIDGE AMPLIFIER
1998-Aug
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com