Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515L-TQ5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5515L-TQ5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515L-TQ5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5515L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 7Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-056,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
125
℃
Storage Temperature Range
TSTG
-40 ~ 150
℃
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS
(Ta = 25℃, unless otherwise specified: VIN = 2.5V, VCNTL= 3.3V, VREF = 1.25V, COUT=10µF(Ceramic).)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DDR-I
1.6
2.5
VIN
DDR-II
1.8
DDR-I
3.3
6
Input Voltage Range(Note 1)
VCNTL
No Load,(Note 2)
DDR-II
3.3
6
V
Output Offset Voltage
VOS
IOUT=0A, Fig. 1 (Note 3)
-20
0
20
mV
Operating Current of VCNTL
ICNTL
No Load
6.5
10
mA
DDR-I
0.8
2
IL: 0~1.5A, Fig. 1
DDR-II
1.2
3
DDR-I
0.8
2
Load Regulation
|△VLOAD|
IL: 0~-1.5A, Fig. 1
DDR-II
1.2
3
%
Current In Shutdown Mode
ISHDN
VREF<0.2V, RL=180Ω, Fig. 2
50
90
µA
Short Circuit Protection
UR5515
Fig 3, 4
2.1
Current Limit
UR5515A
ILIMIT
Fig 3, 4
3.0
A
Over Temperature Protection
Thermal Shutdown Temperature
TSD
3.3V≤VCNTL≤5V
125
150
℃
Thermal Shutdown Hysteresis
50
℃
Shutdown Function
Shutdown Threshold Voltage
VTHD
Fig 5
0.2
0.8
V
Note 1. For safely operate your system, the 3.3V rail have to be tied to VCNTL rather than 5V rail
2. Keep VCNTL≥VIN on operation power on and power off sequences.
3. VOS offset is the voltage measurement defined as VOUT subtracted from VREF.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
35
TO-252-5
8
Thermal Resistance Junction-Case
TO-263-5
θJC
4
℃
/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com