Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515L-TQ5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR5515L-TQ5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515L-TQ5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR5515L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 7Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-056,A
TYPICAL APPLICATION CIRCUIT
R1= R2= 100KΩ
COUT(min)=10µF(Ceramic) + 1000µF under the worst case testing condition
CSS=1µF, CIN = 40µF(low ESR), CCNTL= 47µF
APPLICATIONS INFORMATION
Please note the point of thermal shutdown will be degraded by around 20℃while VCNTL equal to 5V compared
with 3.3V. It is highly recommended that to use the 3.3V rail acted as the VCNTL in SOP-8 package. Nevertheless,
this small footprint of PCB for plastic SOP-8 package is not enough to dissipate effectively the heat generated
when operating at high current levels. In order to control die operating temperatures, the PCB layout should allow
for maximum possible copper area at the four VCNTL pins. Besides, an appropriate power plane heat sink must be
used to prevent overstepping maximum junction temperature. The recommended SMT is as below.
The PCB heat sink copper area should be
solder painted without masked. This
approaches a "best case " pad heat sink .
UTC UR5515
(SOP-8)
Use vias to conduct the heat into the
buried or backside of PCB layer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com