Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5515L-TQ5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR5515L-TQ5-R
Description  1.5A/3A BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5515L-TQ5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR5515L-TQ5-R Datasheet HTML 1Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 2Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 3Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 4Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 5Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 6Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 7Page - Unisonic Technologies UR5515L-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR5515
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R502-056,A
1.5A/3A BUS TERMINATION
REGULATOR
DESCRIPTION
The UTC UR5515 is a linear bus termination regulator and
designed to convert voltage supplies ranging from 1.6V~6.0V into a
desired output voltage, which adjusted by two external voltage
divider resistors. The device can both source and sink up to 1.5A/3A
of current while regulating an output voltage to within 2% (DDR-I)
and 3% (DDR-II) or less.
The UTC UR5515 is capable of use in conjunction with series
termination resistors to provide an excellent voltage source for active
termination schemes of high speed transmission lines as those seen
in high speed memory buses and distributed backplane designs.
The voltage output of the regulator can be used as a termination
voltage for DDR SDRAM.
FEATURES
* Support Both DDR-I (1.25 VTT) and DDR-II (0.9 VTT) Requirements
* Capable of Sourcing and Sinking Current 1.5A/3A
* Current-limiting Protection and Thermal Shutdown Protection
* Integrated Power MOSFETs
* Generates Termination Voltages for SSTL-2
* High Accuracy Output Voltage at Full-Load
* Adjustable output voltage by External Resistors
* Minimum External Components
* Shutdown for Standby or Suspend Mode Operation with
High-impedance Output.
TO-263-5
SOP-8
TO-252-5
1
1
*Pb-free plating product number: UR5515L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UR5515-S08-R
UR5515L-S08-R
SOP-8
Tape Reel
UR5515-S08-T
UR5515L-S08-T
SOP-8
Tube
UR5515-TN5-R
UR5515L-TN5-R
TO-252-5
Tape Reel
UR5515-TN5-T
UR5515L-TN5-T
TO-252-5
Tube
UR5515-TQ5-R
UR5515L-TQ5-R
TO-263-5
Tape Reel
UR5515-TQ5-T
UR5515L-TQ5-T
TO-263-5
Tube


Similar Part No. - UR5515L-TQ5-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-R ETL-UR5515-S08-R Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-T ETL-UR5515-S08-T Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-R ETL-UR5515-TN5-R Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-T ETL-UR5515-TN5-T Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
More results

Similar Description - UR5515L-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
1.5A / 3A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com