Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4541
Description  PROGRAMMABLE TIMER CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541 Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4541 Datasheet HTML 1Page - Unisonic Technologies CD4541 Datasheet HTML 2Page - Unisonic Technologies CD4541 Datasheet HTML 3Page - Unisonic Technologies CD4541 Datasheet HTML 4Page - Unisonic Technologies CD4541 Datasheet HTML 5Page - Unisonic Technologies CD4541 Datasheet HTML 6Page - Unisonic Technologies CD4541 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCCD4541
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R502-037,A
PROGRAMMABLE TIMER
DESCRIPTION
The UTC CD4541 programmable timer comprise a
16-stage binary counter, an integrated oscillator for use with
an external capacitor and two resistors, output control logic,
and a special power-on reset circuit. The counter divides the
oscillator frequency by any of 4 digitally controlled division
ratios.
FEATURES
*Operates at 2
n frequency divider or as single transition
timer
*Increments on positive edge clock transitions
*Wide supply voltage range: 3.0V ~ 15V
*Built-in low power RC oscillator
*Oscillator frequency range ~ DC to 100 kHz
*External clock applied to Pin 3 can be used instead of
oscillator
*
Available division ratios 2
8, 210, 213, or 216
*High noise immunity: 0.45 VDD (typ.)
*Master reset totally independent of automatic reset
operation
*Automatic reset initializes all counters when power turns on
*Q/Q select provides output logic level flexibility
*High output drive min. one TTL load
*Maximum input leakage 1μA at 15V over full temperature
range
DIP-14
SOP-14
*Pb-free plating product number: CD4541L
PIN CONFIGURATION
MR
N.C.
AR
Rs
A
VDD
B
Rtc
MODE
Q/Q SELECT
Q
Vss
1
2
3
4
5
6
7
8
14
13
12
11
10
9
Ctc
N.C.


Similar Part No. - CD4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541 TI-CD4541 Datasheet
93Kb / 9P
CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Fairchild Semiconductor
CD4541 FAIRCHILD-CD4541 Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541 NSC-CD4541 Datasheet
137Kb / 6P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SYC Electronica
CD4541 SYC-CD4541 Datasheet
117Kb / 8P
Programmable Timer
More results

Similar Description - CD4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4536B TI-CD4536B Datasheet
415Kb / 9P
CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54_05 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
CMOS Programmable Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com