Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR61 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHR61
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR61 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHR61 Datasheet HTML 2Page - STMicroelectronics RHR61 Datasheet HTML 3Page - STMicroelectronics RHR61 Datasheet HTML 4Page - STMicroelectronics RHR61 Datasheet HTML 5Page - STMicroelectronics RHR61 Datasheet HTML 6Page - STMicroelectronics RHR61 Datasheet HTML 7Page - STMicroelectronics RHR61 Datasheet HTML 8Page - STMicroelectronics RHR61 Datasheet HTML 9Page - STMicroelectronics RHR61 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
RHR61, RHR64
Table 5: VCC+ = 3.3 V, VCC- = 0 V, Vicm = 1.65 V, Tamb = 25 °C, and load (RL) connected to
1.65 V (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ
.
Max.
Unit
DC performance
Vio
Offset voltage
1
mV
-55 °C < Tamb < 125 °C
3
DVio
Input offset voltage drift
4
μV/°C
Iio
Input offset current
1
70
pA
-55 °C < Tamb < 125 °C
1
150
Iib
Input bias current
1
70
-55 °C < Tamb < 125 °C
1
150
CMR
Common mode rejection ratio
20 log (ΔVic/ΔVio)
0 V to 1.65 V, Vout = 1.65 V
75
79
dB
-55 °C < Tamb < 125 °C
72
0 V to 3.3 V, Vout = 1.65 V
60
-55 °C < Tamb < 125 °C
56
Avd
Large signal voltage gain
RL
= 10 kΩ, Vout = 0.5 V to 2.8 V
87
98
-55 °C < Tamb < 125 °C
82
VOH
High-level output voltage
RL = 10
kΩ
35
6
mV
-55 °C < Tamb < 125 °C
50
VOL
Low-level output voltage
RL =
10 kΩ
7
35
-55 °C < Tamb < 125 °C
50
Iout
Isink
Vο = 3.3 V
30
45
mA
-55 °C < Tamb < 125 °C
25
Isource
Vο = 0 V
-45
-30
-55 °C < Tamb < 125 °C
-25
ICC
Supply current (per channel)
No load, Vout = 1.75 V
55
64
µA
-55 °C < Tamb < 125 °C
66
AC performance
GBP
Gain bandwidth product
RL
= 2 kΩ, CL = 100 pF
610
820
kHz
-55 °C < Tamb < 125 °C
310
ɸm
Phase margin
RL =
2 kΩ, CL = 100 pF
50
Degrees
Gm
Gain margin
RL =
2 kΩ, CL = 100 pF
11
dB
SR
Slew rate
VIN = 0.5 V to VCC -0.5V, 10 % to
90 %, RL =
2 kΩ, CL = 100 pF, Av
= 1
0.22
0.2
9
V/μs
-55 °C < Tamb < 125 °C
0.17
en
Equivalent input noise voltage
f = 1 kHz
65
nV/√Hz
f = 10 kHz
50
6/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com