Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR61 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHR61
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR61 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHR61 Datasheet HTML 7Page - STMicroelectronics RHR61 Datasheet HTML 8Page - STMicroelectronics RHR61 Datasheet HTML 9Page - STMicroelectronics RHR61 Datasheet HTML 10Page - STMicroelectronics RHR61 Datasheet HTML 11Page - STMicroelectronics RHR61 Datasheet HTML 12Page - STMicroelectronics RHR61 Datasheet HTML 13Page - STMicroelectronics RHR61 Datasheet HTML 14Page - STMicroelectronics RHR61 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RHR61, RHR64
Electrical characteristic curves
Figure 12: Slew rate vs supply voltage
Figure 13: Negative slew rate vs supply voltage
Figure 14: Positive slew rate vs supply voltage
Figure 15: Phase margin vs output current at
VCC = 1.5 V
Figure 16: Phase margin vs output current at
VCC = 5 V
Figure 17: Noise vs frequency
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-0.4
-0.2
0.0
0.2
0.4
T=-55°C
T=-40°C
Vicm=Vcc/2
Vload=Vcc/2
Rl=2k
Cl=100pF
T=125°C T=25°C
Supply Voltage (V)
Ω
0
5
10
15
-3
-2
-1
0
1
2
3
Time (µs)
T=-55°C
Vcc=5V
Vicm=Vcc/2
Rl=2k
Cl=100pF
T=25°C
T=-40°C
T=125°C
Ω
0
10
20
30
-3
-2
-1
0
1
2
3
Vcc=5V
Vicm=Vcc/2
Rl=2k
Cl=100pF
Time (µs)
T=-55°C
T=125°C
T=25°C
T=-40°C
Ω
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
10000
100000
10
100
1000
Vicm=2.5V
Vicm=4.5V
Vcc=5V
T=25°C
Frequency (Hz)
DocID027171 Rev 3
11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com