Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR61 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHR61
Description  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR61 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHR61 Datasheet HTML 6Page - STMicroelectronics RHR61 Datasheet HTML 7Page - STMicroelectronics RHR61 Datasheet HTML 8Page - STMicroelectronics RHR61 Datasheet HTML 9Page - STMicroelectronics RHR61 Datasheet HTML 10Page - STMicroelectronics RHR61 Datasheet HTML 11Page - STMicroelectronics RHR61 Datasheet HTML 12Page - STMicroelectronics RHR61 Datasheet HTML 13Page - STMicroelectronics RHR61 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristic curves
RHR61, RHR64
Figure 6: Input offset voltage vs output voltage
at VCC = 5 V
Figure 7: VOH vs supply voltage
Figure 8: VOL vs supply voltage
Figure 9: Output current vs output voltage at
VCC = 5 V
Figure 10: Bode diagram at VCC = 1.5 V
Figure 11: Bode diagram at VCC = 5 V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-225
-200
-175
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
T=-55°C
T=25°C
T=-40°C
T=125°C
Vcc=5V
Rl=2k
Output Voltage (V)
Ω
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
T=-55°C
T=25°C
T=-40°C
T=125°C
Rl=2k
Ω
Vcc (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
T=-55°C
T=25°C
T=-40°C
T=125°C
Rl=2k
Ω
Vcc (V)
0.0 0.5 1.0 1.5 2.0
2.5 3.0 3.5 4.0 4.5 5.0
0.0 0.5 1.0 1.5 2.0
2.5 3.0 3.5 4.0 4.5 5.0
-100
-80
-60
-40
-20
0
20
40
60
80
100
-100
-80
-60
-40
-20
0
20
40
60
80
100
T=-55°C
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
Vcc=5V
Output Voltage (V)
1k
10k
100k
1M
-40
-20
0
20
40
60
-300
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
T=-55°C
T=-40°C
T=25°C
T=125°C
Frequency(Hz)
Vcc=1.5V
Vicm=0.75V
Rl=2k
Cl=100pF
Gain=100
Ω
1k
10k
100k
1M
-40
-20
0
20
40
60
-300
-240
-180
-120
-60
0
Gain
Phase
T=-55°C
T=-40°C
T=25°C
T=125°C
Frequency(Hz)
Vcc=5V
Vicm=2.5V
Cl=100pF
Gain=100
Rl=2k
Ω
10/20
DocID027171 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com