Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR132-28-AF5-5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR132-28-AF5-5-R
Description  200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR132-28-AF5-5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR132-28-AF5-5-R Datasheet HTML 1Page - Unisonic Technologies UR132-28-AF5-5-R Datasheet HTML 2Page - Unisonic Technologies UR132-28-AF5-5-R Datasheet HTML 3Page - Unisonic Technologies UR132-28-AF5-5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR132
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-007,G
200mA LOW DROPOUT LINEAR
VOLTAGE REGULATOR
DESCRIPTION
The UTC UR132 is a 200mA fixed output voltage low dropout
linear regulator. Wide range of available output voltage fits most of
applications. Built-in output current-limiting most thermal-limiting
provide maximal protection against any fault conditions.
FEATURES
* Guaranteed 200mA output current
* Input voltage range up to 12V
* Extremely tight load regulation
* Fast transient response
* Current-limiting and thermal-limiting
* Three-terminal adjustable or fixed voltage.
SOT-25
4
5
3
2
1
SOT-23
1
2
3
*Pb-free plating product number: UR132L
ORDERING INFORMATION
Order Number
Pin Assignment.
Normal
Lead Free Plating
Package
12
3
4
5
Packing
UR132-xx-AE3-3-R
UR132L-xx-AE3-3-R
SOT-23
O
G
I
-
-
Tape Reel
UR132-xx-AE3-5-R
UR132L-xx-AE3-5-R
SOT-23
G
O
I
-
-
Tape Reel
UR132-xx-AF5-C-R
UR132L-xx-AF5-C-R
SOT-25
I
G
N
N
O
Tape Reel
Note: Pin assignment: I:VIN O:VOUT G:GND N: No Connection
xx: output voltage, refer to Marking Information
UR132L-xx-AE3-3-R
(1)Packing Type
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(2)Pin Assignment
(1) R: Tape Reel
(2) refer to Pin Assignment
(3) AE3: SOT-23, AF5: SOT-25
(4) xx: refer to Marking Information
(5) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UR132-28-AF5-5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR132 UTC-UR132 Datasheet
105Kb / 4P
LINEAR INTEGRATED CIRCUIT
UR132 UTC-UR132 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132G-XX-AE3-3-R UTC-UR132G-XX-AE3-3-R Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132G-XX-AE3-5-R UTC-UR132G-XX-AE3-5-R Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results

Similar Description - UR132-28-AF5-5-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
200mA Single Resistor Low Dropout Linear Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
200mA Single Resistor Low Dropout Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com