Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7EC-BV Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7EC-BV
Description  Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-BV Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7EC-BV Datasheet HTML 1Page - Omron Electronics LLC H7EC-BV Datasheet HTML 2Page - Omron Electronics LLC H7EC-BV Datasheet HTML 3Page - Omron Electronics LLC H7EC-BV Datasheet HTML 4Page - Omron Electronics LLC H7EC-BV Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Self-Powered Counters
H7EC
Subminiature Count Totalizers
Require No External Power Supply
s
Subminiature 48 x 24 mm (1.89 x .94 in)
s
Improved noise immunity
s
Screw terminal and wire-wrap types
available
s
AC, DC, and no-voltage input
s
Printed circuit board version (H7Eu-P)
s
Panel adapters for existing cutouts
(order separately from accessories)
s
Self-powered, 3 V lithium battery
Operating mode
UP type
Display
LCD digital, 5.1 mm (0.2 in) high
Reset system
External (electrical) reset
External/Manual reset
Number of digits
7
6
AC/DC
DC voltage input
No-voltage
DC voltage input
No-voltage
Count input
voltage
contact input
contact input
input
Max. counting speed* 20 cps
1 kcps
30 cps
1 kcps
30 cps
1 kcps
30 cps
1 kcps
30 cps
Terminals Wire-wrap
—
H7EC-V
H7EC-VL
H7EC
H7EC-L
H7EC-VM
H7EC-VLM
H7EC-M
H7EC-LM
Screw
H7EC-FBV H7EC-BV H7EC-BVL H7EC-B H7EC-BL H7EC-BVM H7EC-BVLM H7EC-BM
H7EC-BLM
Ordering Information
.
s COUNT TOTALIZERS
* For details about matching the counting speed with the appropriate input device, see "Selecting the H7EC Totalizing Counter," located
in Operation section.
Description
Part number
Fits 26 x 45 mm (1.02 x 1.77 in.) rectangular cutout
Y92F-75
Panel adapters
Fits 27.5 x 52.5 mm (1.1 x 2.07 in.) rectangular cutout
Y92F-76
Fits 24.8 x 48.8 mm (0.98 x 1.92 in.) rectangular cutout
Y92F-77
s ACCESSORIES


Similar Part No. - H7EC-BV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
Self-powered Total Counter
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N-B OMRON-H7EC-N-B Datasheet
2Mb / 33P
Self-powered Total Counter
More results

Similar Description - H7EC-BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
port-powered with an optional external power supply terminal
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
Low external component count
logo
Silicon Laboratories
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
Powered from USB port or external power supply
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
Powered from USB port or external power supply
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com