Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7EC-BV Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7EC-BV
Description  Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-BV Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7EC-BV Datasheet HTML 1Page - Omron Electronics LLC H7EC-BV Datasheet HTML 2Page - Omron Electronics LLC H7EC-BV Datasheet HTML 3Page - Omron Electronics LLC H7EC-BV Datasheet HTML 4Page - Omron Electronics LLC H7EC-BV Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H7EC
H7EC
4
s PANEL MOUNTING ADAPTERS
Y92F-77
Panel cutout
Panel cutout
Y92F-75
Two 3.5 mm dia. mounting holes
22.2
24.2
45.2
48.2
72
(2.83)
63
48.2
45.2
60
(2.36)
38 24.2 22.2
4.5 mm dia. mounting hole
Y92F-76
4
27.5
2-M4
4
45
4
2-M3
63
(2.48)
Connections
s AC/DC VOLTAGE INPUT TYPE
1. Contact input (input by relay or switch contact)
2. Solid-state input (open collector input of an NPN transistor)
Panel cutout
Terminals (2) and (4)
are internally insulated.
Terminals (2) and (4)
are internally insulated.
31
(1.22)
26
52.5
(2.07)
53.8
(2.12)
28.8
(1.13)
50
(1.97)
26
(1.02)
38
(1.50)
48.2
45.2
24.8
(0.98)
48.8
(1.92)
24.2 22.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com