Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7EC-BV Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H7EC-BV
Description  Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-BV Datasheet(HTML) 5 Page - Omron Electronics LLC

  H7EC-BV Datasheet HTML 1Page - Omron Electronics LLC H7EC-BV Datasheet HTML 2Page - Omron Electronics LLC H7EC-BV Datasheet HTML 3Page - Omron Electronics LLC H7EC-BV Datasheet HTML 4Page - Omron Electronics LLC H7EC-BV Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
H7EC
H7EC
5
s DC VOLTAGE INPUT TYPE
s NO-VOLTAGE INPUT TYPE
1. Contact input (input by a relay or switch contact)
2. Solid-state input (open collector input of an NPN transistor)
1. Contact input (input by a relay or switch contact)
2. Solid-state input (open collector input of an NPN transistor)
Operations
s SELECTING THE H7EC TOTALIZING COUNTER
Determine the maximum counting speed of the counter by
evaluating the input conditions listed in the table at right.
Counting speed
20 or 30 cps
1 kcps
Contact
Relay or switch
Do not input contact
signal input
contact input with
signal inputs.
some chattering
Chattering is counted
as signal input.
Solid-state
Low-speed
High-speed transistor
signal input
transistor inputs
inputs
s MANUALLY RESETTING COUNTERS
(-M SUFFIX MODELS)
Counters with "-M" suffixes offer the option of manual or external
resetting. To manually reset the counter, press the reset button
located to the left of the display window. To prevent an accidental
reset, lock the reset button by sliding the button downward, without
depressing it. A small "click" sound may be heard, both when
locking and unlocking the reset button. Slide the button up to
unlock.
Terminals (2) and (4)
are internally connected.
Terminals (2) and (4)
are internally connected.
Terminals (2) and (4)
are internally connected.
Terminals (2) and (4)
are internally connected.
Input
Reset



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com