Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4 Datasheet(PDF) 44 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 40Page - Analog Devices ADFS7124-4 Datasheet HTML 41Page - Analog Devices ADFS7124-4 Datasheet HTML 42Page - Analog Devices ADFS7124-4 Datasheet HTML 43Page - Analog Devices ADFS7124-4 Datasheet HTML 44Page - Analog Devices ADFS7124-4 Datasheet HTML 45Page - Analog Devices ADFS7124-4 Datasheet HTML 46Page - Analog Devices ADFS7124-4 Datasheet HTML 47Page - Analog Devices ADFS7124-4 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Data Sheet
ADFS7124-4
GETTING STARTED
analog.com
Rev. 0 | 44 of 93
Understanding Configuration Flexibility
In Figure 70, Figure 71, and Figure 72, the registers shown in black
font are programmed for this configuration. The registers shown in
gray font are redundant.
The most straightforward implementation of the ADFS7124-4 is to
use differential inputs with adjacent analog inputs and run all of
them with the same setup, gain correction, and offset correction
register. For example, for four differential inputs, select the following
differential inputs: AIN0/ AIN1, AIN2/AIN3, AIN4/AIN5, and AIN6/
AIN7.
Programming the gain and offset registers is optional for any use
case, as indicated by the dashed lines between the register blocks.
If an internal or system offset or full-scale calibration is performed,
the gain and offset registers for the selected channel are automati-
cally updated.
An alternative way to implement these four fully differential inputs
is by taking advantage of the eight available setups. Motivation for
this includes having a different speed, noise, or gain requirement on
some of the four differential inputs vs. other inputs, or there may be
a specific offset or gain correction for particular channels. Figure 71
shows how each of the differential inputs can use a separate setup,
allowing full flexibility in the configuration of each channel.
Figure 70. Four Fully Differential Inputs, All Using a Single Setup (CONFIG_0, FILTER_0, GAIN_0, OFFSET_0)
Figure 71. Four Fully Differential Inputs with a Separate Setup per Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com