Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4 Datasheet(PDF) 13 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 9Page - Analog Devices ADFS7124-4 Datasheet HTML 10Page - Analog Devices ADFS7124-4 Datasheet HTML 11Page - Analog Devices ADFS7124-4 Datasheet HTML 12Page - Analog Devices ADFS7124-4 Datasheet HTML 13Page - Analog Devices ADFS7124-4 Datasheet HTML 14Page - Analog Devices ADFS7124-4 Datasheet HTML 15Page - Analog Devices ADFS7124-4 Datasheet HTML 16Page - Analog Devices ADFS7124-4 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Data Sheet
ADFS7124-4
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 13 of 93
TA = 25°C, unless otherwise noted.
Table 4. Absolute Maximum Ratings
Parameter
Rating
AVDD to AVSS
−0.3 V to +3.96 V
IOVDD to DGND
−0.3 V to +3.96 V
IOVDD to AVSS
−0.3 V to +5.94 V
AVSS to DGND
−1.98 V to +0.3 V
Analog Input Voltage to AVSS
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AVSS
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to IOVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to IOVDD + 0.3 V
AINx/Digital Input Current
10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering
Reflow
260°C
ESD Ratings
Human Body Model (HBM)
4 kV
Field-Induced Charged Device Model
(FICDM)
1250 V
Machine Model
400 V
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
Thermal resistance values specified in Table 5 are calculated based
on the JEDEC specifications and must be used in compliance with
JESD51-12. The worst-case junction temperature is reported.
The values in Table 5 are calculated based on the standard JEDEC
2S2P thermal test board in a natural convection test environment.
Refer to the JEDEC JESD51 series.
Table 5. Thermal Resistance
Package Type θJA
θJB
θJC_TOP
Unit
32-Lead
LFCSP
40.6
12
17.2
°C/W
θJA is the natural convection, junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJB is the junction-to-board thermal resistance.
θJC_TOP is the top junction-to-case thermal resistance.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com