Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4 Datasheet(PDF) 14 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 10Page - Analog Devices ADFS7124-4 Datasheet HTML 11Page - Analog Devices ADFS7124-4 Datasheet HTML 12Page - Analog Devices ADFS7124-4 Datasheet HTML 13Page - Analog Devices ADFS7124-4 Datasheet HTML 14Page - Analog Devices ADFS7124-4 Datasheet HTML 15Page - Analog Devices ADFS7124-4 Datasheet HTML 16Page - Analog Devices ADFS7124-4 Datasheet HTML 17Page - Analog Devices ADFS7124-4 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Data Sheet
ADFS7124-4
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 93
Figure 9. 32-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REGCAPD
Digital LDO Regulator Output. Decouple this pin to DGND with a 0.1 µF capacitor.
2
IOVDD
Serial Interface Supply Voltage, 1.65 V to 3.6 V. IOVDD is independent of AVDD. Therefore, the serial interface
can operate at 1.65 V with AVDD at 3.6 V, for example.
3
DGND
Digital Ground Reference Point.
4
AIN0/IOUT/VBIAS
Analog Input 0/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through
the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input.
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply rails
can be generated at this pin.
5
AIN1/IOUT/VBIAS
Analog Input 1/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through
the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input.
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply rails
can be generated at this pin.
6, 7, 10, 11, 14, 15, 18, 19
DNC
Do Not Connect. Do not connect to these pins.
8
AIN2/IOUT/VBIAS/P1
Analog Input 2/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 1. This input
pin is configured through the configuration registers to be the positive or negative terminal of a differential or
pseudodifferential input. Alternatively, the internal programmable excitation current source can be made available
at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog
power supply rails can be generated at this pin. This pin can also be configured as a general-purpose output bit,
referenced between AVSS and AVDD.
9
AIN3/IOUT/VBIAS/P2
Analog Input 3/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 2. This input
pin is configured through the configuration registers to be the positive or negative terminal of a differential or
pseudodifferential input. Alternatively, the internal programmable excitation current source can be made available
at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog
power supply rails can be generated at this pin. This pin can also be configured as a general-purpose output bit,
referenced between AVSS and AVDD.
12
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−). REFIN1(+)
can be anywhere between AVDD and AVSS + 0.5 V. The nominal reference voltage (REFIN1(+) − REFIN1(−)) is
2.5 V, but the device functions with a reference from 0.5 V to AVDD.
13
REFIN1(−)
Negative Reference Input. This reference input can be anywhere between AVSS and AVDD – 0.5 V.
16
AIN4/IOUT/VBIAS
Analog Input 4/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through
the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input.
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply rails
can be generated at this pin.
17
AIN5/IOUT/VBIAS
Analog Input 5/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through
the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com