Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5569 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5569
Description  DC/DC CONVERTER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5569 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5569 Datasheet HTML 1Page - Unisonic Technologies 2SC5569 Datasheet HTML 2Page - Unisonic Technologies 2SC5569 Datasheet HTML 3Page - Unisonic Technologies 2SC5569 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC 2SC5569 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R208-031,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fall Time
tf
See specified Test Circuit
25
ns
SWITCHING TIME TEST CIRCUIT
50Ω
INPUT
OUTPUT
+
+
D.C.≦1%
VR
V BE
100μF
IB1
IB2
470μF
VCC = 25V
RB
RL
PW=20μs
= -5V
20I B1= -20IB2=IC =2.5A
2.0
0
0.8
1.2
1.6
0.4
0
4
5
6
7
2
3
1
10mA
1.0
0.4
0.6
0.8
0.2
0
3
4
5
6
1
2
0
Collector Current, Ic (A)
1.0
2
35
2
hFE - Ic
0.01
0.1
5
7
1000
7
3
20mA
30mA
40mA
90mA
70mA
1.2
1.4
7
8
3 5
27
10
35
27
2
5
7
100
3
10
Collector Current, Ic (A)
1.0
2
3 5
2
0.01
0.1
5
7
100
7
3
35
27
10
35
27
2
5
7
10
3
1.0
2
5
7
1000
3
80mA
60mA
IB=0
50mA
Collector to Emitter Voltage, VCE (V)
Ic - VCE
VCE = 2V
Base to Emitter Voltage, V BE (V)
25°C
-25°C
VCE = 2V
IC/IB=20
25
°C
-25°C
VCE(sat) - Ic
Ic - VBE
Ta=
75°C
Ta=75°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com