Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5569 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5569
Description  DC/DC CONVERTER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5569 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5569 Datasheet HTML 1Page - Unisonic Technologies 2SC5569 Datasheet HTML 2Page - Unisonic Technologies 2SC5569 Datasheet HTML 3Page - Unisonic Technologies 2SC5569 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC 2SC5569 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R208-031,A
Collector Current,Ic -A
1.0
2
3 5
2
0.01
0.1
5
7
1000
7
3
35
27
10
3 5
2
7
2
5
7
100
3
10
2
5
7
10000
3
IC/IB=50
Ta =
75℃
25°C
-25°C
VCE(sat) - Ic
Collector Current, Ic (A)
1.0
2
35
2
0.01
0.1
5
7
10000
7
3
3 5
27
10
35
27
2
5
7
1000
3
100
Ta =-25
℃
25°C
75°C
IC/IB=50
1.0
2
5
Cob - VCB
0.1
5
7
3
3 5
27
10
35
27
2
5
7
100
3
f=1MHz
Collector Current, Ic (A)
1.0
2
2
fT - Ic
0.1
5
7
1000
7
3
3 5
27
10
35
27
2
5
7
100
3
10
VCE=10V
50.01
73 5
35
2
2
5
7
10
3
10
2
35
2
0.1
1.0
5
7
1.0
7
3
35
27
100
3 5
2
7
2
5
7
0.1
3
0.01
2
5
7
10
3
A S O
Tc=25°C
Single pulse
For PNP,the minus sign is
omitted.
100ms
ICP=10A
IC=7A
DC
ope
ratio
n
10m
s
1m
s
2
100
40
60
80
20
0
0.5
1.0
1.3
1.5
0
120 140
2.0
Pc - Ta
2
160
VBE(sat) - Ic
Ambient Temperature, Ta(℃)
Collector to Emitter Voltage, V CE(V)
Collector to Base Voltage, VCB (V)
Mou
nted
on
a ce
ram
ic b
oard
(25
0m
m
× 0
.8m
m)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com