Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5569 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5569
Description  DC/DC CONVERTER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5569 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5569 Datasheet HTML 1Page - Unisonic Technologies 2SC5569 Datasheet HTML 2Page - Unisonic Technologies 2SC5569 Datasheet HTML 3Page - Unisonic Technologies 2SC5569 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC 2SC5569 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-031,A
DC/DC CONVERTER
APPLICATIONS
FEATURES
*High current capacitance.
*Low collector-to-emitter saturation voltage.
*High-speed switching.
*High allowable power dissipation.
*Complementary to 2SA2016.
APPLICATIONS
*Relay drivers, lamp drivers, motor drivers, strobes
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
Ic
7
A
Collector Current (Pulse)
Icp
10
A
Base Current
IB
1.2
A
Collector Dissipation
Tc=25
°C
Pc
1.3*
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
* Mounted on ceramic board (250mm
2×0.8mm)
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector to Base Breakdown Voltage
V(BR)CBO Ic=10μA,IE=0
80
V
Collector to Emitter Breakdown Voltage
V(BR)CEO Ic=1mA,RBE=∞
50
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=10μA,IE=0
6
V
Collector Cut-Off Current
ICBO
VCB=40V,IE=0
0.1
μ
A
Emitter Cut-Off Current
IEBO
VEB=4V,Ic=0
0.1
μ
A
DC Current Gain
hFE
VCE=2V,Ic=500mA
200
560
Ic=3.5A,IB=175mA
160
240
mV
Collector to Emitter Saturation Voltage
VCE(sat)
Ic=2A,IB=40mA
110
170
mV
Base to Emitter Saturation Voltage
VBE(sat) Ic=2A,IB=40mA
0.83
1.2
V
Gain Bandwidth Product
fT
VCE=10V,Ic=500mA
330
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
28
pF
Turn-On Time
ton
See specified Test Circuit
30
ns
Storage Time
tstg
See specified Test Circuit
420
ns


Similar Part No. - 2SC5569

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5569 SANYO-2SC5569 Datasheet
50Kb / 5P
DC/DC Converter Applications
2SC5569 SANYO-2SC5569 Datasheet
63Kb / 5P
DC / DC Converter Applications
2SC5569 SANYO-2SC5569 Datasheet
467Kb / 8P
DC / DC Converter Applications
logo
ON Semiconductor
2SC5569 ONSEMI-2SC5569 Datasheet
359Kb / 8P
Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Sanyo Semicon Device
2SC5569 SANYO-2SC5569 Datasheet
472Kb / 8P
DC / DC Converter Applications
More results

Similar Description - 2SC5569

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com