Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT640 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT640
Description  Octal 3?뭆tate Inverting Transciever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT640 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT640 Datasheet HTML 1Page - ON Semiconductor 74ACT640 Datasheet HTML 2Page - ON Semiconductor 74ACT640 Datasheet HTML 3Page - ON Semiconductor 74ACT640 Datasheet HTML 4Page - ON Semiconductor 74ACT640 Datasheet HTML 5Page - ON Semiconductor 74ACT640 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 3
1
Publication Order Number:
MC74ACT640/D
MC74ACT640
Octal 3−State Inverting
Transciever
The MC74ACT640 octal bus transceiver is designed for
asynchronous two-way communication between data buses. The
device transmits data from bus A to bus B when T/R = HIGH, or from
bus B to bus A when T/R = LOW. The enable input can be used to
disable the device so the buses are effectively isolated.
Features
• Bidirectional Data Path
• A and B Outputs Sink 24 mA/Source −24 mA
• TTL Compatible Inputs
• Pb−Free Packages are Available*
19
20
18
16
15
14
2
1
3
4567
VCC
13
8
12
9
11
10
OE
B0
B1
B2
B3
B4
B5
B6
B7
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
17
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
A0−A7
Side A Inputs or 3-State Outputs
OE
Output Enable Input
T/R
Transmit/Receive Input
B0−B7
Side B Inputs or 3-State Outputs
TRUTH TABLE
OE
T/R
Applied
Inputs
Valid
Direction
I/P
→O/P
Output
H
X
X
X
X
L
H
H
A to B
L
L
H
L
A to B
H
L
L
H
B to A
L
L
L
L
B to A
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
See general marking information in the device marking
section on page 4 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
SOEIAJ−20
M SUFFIX
CASE 967
1
1
PDIP−20
N SUFFIX
CASE 738
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping†
ORDERING INFORMATION
MC74ACT640N
PDIP−20
18 Units/Rail
MC74ACT640NG
PDIP−20
(Pb−Free)
18 Units/Rail
MC74ACT640DW
SOIC−20
38 Units/Rail
MC74ACT640DWG
SOIC−20
(Pb−Free)
38 Units/Rail
MC74ACT640DWR2
SOIC−20
1000 / Tape &
Reel
MC74ACT640DWR2G
SOIC−20
(Pb−Free)
1000 / Tape &
Reel
MC74ACT640MEL
SOEIAJ−20 2000 / Tape &
Reel
MC74ACT640MELG
SOEIAJ−20
(Pb−Free)
2000 / Tape &
Reel


Similar Part No. - 74ACT640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT646 FAIRCHILD-74ACT646 Datasheet
72Kb / 10P
Octal Transceiver/Register with 3-STATE Outputs
74ACT646 FAIRCHILD-74ACT646 Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
74ACT646SC FAIRCHILD-74ACT646SC Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
74ACT646SPC FAIRCHILD-74ACT646SPC Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74ACT640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
MC74ACT640 ONSEMI-MC74ACT640_15 Datasheet
77Kb / 6P
Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com