Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT640 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ACT640
Description  Octal 3?뭆tate Inverting Transciever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT640 Datasheet(HTML) 3 Page - ON Semiconductor

  74ACT640 Datasheet HTML 1Page - ON Semiconductor 74ACT640 Datasheet HTML 2Page - ON Semiconductor 74ACT640 Datasheet HTML 3Page - ON Semiconductor 74ACT640 Datasheet HTML 4Page - ON Semiconductor 74ACT640 Datasheet HTML 5Page - ON Semiconductor 74ACT640 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74ACT640
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
TA = +255C
TA = −405C to
+85
5C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
V
V
VOUT = 0.1 V
or
VCC − 0.1 V
VIL
Maximum Low Level Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
V
V
VOUT = 0.1 V
or
VCC − 0.1 V
VOH
Minimum High Level Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
V
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
V
V
*VIN = VIL or VIH
−24 mA
IOH
−24 mA
VOL
Maximum Low Level Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
V
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
V
V
*VIN = VIL or VIH
−24 mA
IOH
−24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum 3−State Current
5.5
±0.5
±5.0
mA
VI (OE) = VIL, VIH
VI = VCC, GND
VO = VCC, GND
IOLD
IOHD
†Minimum Dynamic Output Current
5.5
5.5
75
−75
mA
mA
VOLD = 1.65 V Max
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS tr = tf = 3.0 ns (For Figures and Waveforms, See Figures 2 and 3.)
Symbol
Parameter
VCC*
(V)
TA = +255C
CL = 50 pF
TA = −405C to +855C
CL = 50 pF
Unit
Min
Max
Min
Max
tPLH
Propagation Delay
An to Bn or Bn to An
5.0
1.5
8.0
1.0
8.5
ns
tPHL
Propagation Delay
An to Bn or Bn to An
5.0
1.5
8.0
1.0
9.0
ns
tPZH
Output Enable Time
OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPZL
Output Enable Time
OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPHZ
Output Disable Time
T/R or OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
tPLZ
Output Disable Time
T/R or OE to An or Bn
5.0
1.5
10.0
1.0
11.0
ns
*Voltage Range 5.0 V is 5.0 V
±0.5 V
CAPACITANCE
Symbol
Parameter
Value Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CI/O
Input/Output Capacitance
15
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com